Part Number Hot Search : 
TPS54332 20ETTTS 364707 K9K2G HER3003 OMT623SN MSK1901E SN74LS20
Product Description
Full Text Search
 

To Download ST330C12C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I25155 rev. D 04/03
ST330C..C SERIES
PHASE CONTROL THYRISTORS Hockey Puk Version
Features
Center amplifying gate Metal case with ceramic insulator International standard case TO-200AB (E-PUK)
720A
Typical Applications
DC motor controls Controlled DC power supplies AC controllers
Major Ratings and Characteristics
Parameters
IT(AV) @ Ths IT(RMS) @ Ths ITSM @ 50Hz @ 60Hz It
2
case style TO-200AB (E-PUK)
Units
A C A C A A KA2s KA2s V s C
ST330C..C
720 55 1420 25 9000 9420 405 370 400 to 1600
@ 50Hz @ 60Hz
V DRM/V RRM tq TJ typical
100 - 40 to 125
www.irf.com
1
ST330C..C Series
Bulletin I25155 rev. D 04/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
04 08 ST330C..C 12 14 16
V DRM /V RRM , max. repetitive peak and off-state voltage V
400 800 1200 1400 1600
VRSM , maximum nonrepetitive peak voltage V
500 900 1300 1500 1700
I DRM /I RRM max.
@ TJ = TJ max
mA
50
On-state Conduction
Parameter
I T(AV) Max. average on-state current @ Heatsink temperature I T(RMS) Max. RMS on-state current I TSM Max. peak, one-cycle non-repetitive surge current
ST330C..C
720 (350) 55 (75) 1420 9000 9420 7570 7920
Units Conditions
A C 180 conduction, half sine wave double side (single side) cooled DC @ 25C heatsink temperature double side cooled t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
I 2t
Maximum I2 t for fusing
405 370 287 262
I 2t
Maximum I2 t for fusing
4050 0.91
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IT(AV) < I < x IT(AV)), TJ = TJ max.
V T(TO)1 Low level value of threshold voltage V T(TO)2 High level value of threshold voltage r t1 r t2 V TM IH IL Low level value of on-state slope resistance High level value of on-state slope resistance Max. on-state voltage Maximum holding current Typical latching current
V 0.92 (I > x IT(AV)),TJ = TJ max. (16.7% x x IT(AV) < I < x IT(AV)), TJ = TJ max. m 0.57 1.96 600 mA 1000 T J = 25C, anode supply 12V resistive load V (I > x IT(AV)),TJ = TJ max. Ipk= 1810A, TJ = TJ max, tp = 10ms sine pulse
0.58
Switching
Parameter
di/dt Max. non-repetitive rate of rise of turned-on current td tq Typical delay time Typical turn-off time
ST330C..C
1000 1.0
Units Conditions
A/s Gate drive 20V, 20, tr 1s TJ = TJ max, anode voltage 80% VDRM Gate current 1A, di g/dt = 1A/s s Vd = 0.67% VDRM, TJ = 25C ITM = 550A, TJ = TJ max, di/dt = 40A/s, VR = 50V dv/dt = 20V/s, Gate 0V 100, tp = 500s
100
2
www.irf.com
ST330C..C Series
Bulletin I25155 rev. D 04/03
Blocking
Parameter
dv/dt IRRM IDRM Maximum critical rate of rise of off-state voltage Max. peak reverse and off-state leakage current
ST330C..C
500 50
Units Conditions
V/s mA TJ = TJ max. linear to 80% rated VDRM TJ = TJ max, rated V DRM /V RRM applied
Triggering
Parameter
PGM Maximum peak gate power
ST330C..C
10.0 2.0 3.0 20
Units Conditions
W A TJ = TJ max, t p 5ms TJ = TJ max, f = 50Hz, d% = 50 TJ = TJ max, t p 5ms
PG(AV) Maximum average gate power IGM +VGM -VGM Max. peak positive gate current Maximum peak positive gate voltage Maximum peak negative gate voltage TYP. IGT DC gate current required to trigger 200 100 50 2.5 VGT DC gate voltage required to trigger IGD VGD DC gate current not to trigger DC gate voltage not to trigger 1.8 1.1
V 5.0 MAX. 200 3.0 10 0.25 mA V V mA
TJ = TJ max, tp 5ms
TJ = - 40C TJ = 25C TJ = 125C TJ = - 40C TJ = 25C TJ = 125C Max. gate current/voltage not to trigger is the max. value which will not trigger any unit with rated VDRM anode-to-cathode applied Max. required gate trigger/ current/ voltage are the lowest value which will trigger all units 12V anode-to-cathode applied
TJ = TJ max
Thermal and Mechanical Specification
Parameter
TJ Tstg Max. operating temperature range Max. storage temperature range
ST330C..C
-40 to 125 -40 to 150 0.09 0.04 0.02 0.01 9800 (1000)
Units Conditions
C DC operation single side cooled K/W DC operation double side cooled DC operation single side cooled DC operation double side cooled
RthJ-hs Max. thermal resistance, junction to heatsink RthC-hs Max. thermal resistance, case to heatsink F Mounting force, 10%
K/W N (Kg) g
wt
Approximate weight Case style
83
TO - 200AB (E-PUK)
See Outline Table
www.irf.com
3
ST330C..C Series
Bulletin I25155 rev. D 04/03
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Sinusoidal conduction Rectangular conduction Conduction angle
Single Side Double Side 180 120 90 60 30 0.012 0.014 0.017 0.025 0.043 0.011 0.012 0.015 0.022 0.036 Single Side Double Side 0.008 0.014 0.019 0.026 0.043 0.007 0.013 0.017 0.023 0.037 K/W TJ = TJ max.
Units
Conditions
Ordering Information Table
Device Code
ST
1
33
2
0
3
C
4
16
5
C
6
1
7 8
1 2 3 4 5 6 7
-
Thyristor Essential part number 0 = Converter grade C = Ceramic Puk Voltage code: Code x 100 = VRRM (See Voltage Rating Table) C = Puk Case TO-200AB (E-PUK) 0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads) 1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads) 2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads) 3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads)
8
-
Critical dv/dt: None = 500V/sec (Standard selection) L = 1000V/sec (Special selection)
4
www.irf.com
ST330C..C Series
Bulletin I25155 rev. D 04/03
Outline Table
ANODE TO GATE CREEPAGE DISTANCE: 11.18 (0.44) MIN. STRIKE DISTANCE: 7.62 (0.30) MIN. 25.3 (0.99) DIA. MAX. 0.3 (0.01) MIN.
14.1 / 15.1 (0.56 / 0.59) 0.3 (0.01) MIN. 25.3 (0.99) DIA. MAX. GATE TERM. FOR 1.47 (0.06) DIA. PIN RECEPTACLE
40.5 (1.59) DIA. MAX.
2 HOLES 3.56 (0.14) x 1.83 (0.07) MIN. DEEP 6.5 (0.26) 4.75 (0.19)
Case Style TO-200AB (E-PUK)
25 5
All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification)
42 (1.65) MAX. 28 (1.10)
Maximum Allowable Heats Temperature (C) ink
130 120 110 100 90 80 70 0 30
Maximum Allowable Heatsink T emperature (C)
S 330C..C S T eries (S ingle S Cooled) ide RthJ-hs (DC) = 0.09 K/ W
130 120 110 100 90 80 70 60 50 40 30 20 0 30
S 330C..C S T eries (S ingle S ide Cooled) R thJ-hs (DC) = 0.09 K/ W
Conduction Angle
Conduction Period
60
90 120 180
60 90 120 180
DC
50 100 150 200 250 300 350 400 Average On-state Current (A)
Fig. 1 - Current Ratings Characteristics
100 200 300 400 500 600 700 800 900 Average On-s tate Current (A)
Fig. 2 - Current Ratings Characteristics
www.irf.com
5
ST330C..C Series
Bulletin I25155 rev. D 04/03
Maximum Allowable Heatsink T emperature (C)
Maximum Allowable Heatsink T emperature (C)
130 120 110 100 90 80 70 60 50 40 30 20 0 200 30
130 120 110 100 90 80 70 60 50 40 30 20 10 0 30 60
S 330C..C S T eries (Double S Cooled) ide RthJ-hs (DC) = 0.04 K/ W
S 330C..C S T eries (Double S Cooled) ide RthJ-hs (DC) = 0.04 K/ W
Conduction Angle
Conduction Period
90 120 180 DC 200 400 600 800 1000 1200 1400 1600 Average On-state Current (A)
Fig. 4 - Current Ratings Characteristics
60
90
120
180
400
600
800
1000
Average On-state Current (A)
Fig. 3 - Current Ratings Characteristics
Maximum Average On-state Power Los (W) s
1400 1200 1000 800 600
Conduction Angle
Maximum Average On-state Power Los (W) s
1800 1600 1400 1200
180 120 90 60 30
R Limit MS
DC 180 120 90 60 30
MS 1000 R Limit 800 600 400 200 0 0 200 400 600 800 1000 1200 Average On-state Current (A)
Fig. 6- On-state Power Loss Characteristics
Conduction Period
400 200 0 0 100 200 300 400 500 600 700 800 Average On-s tate Current (A)
Fig. 5- On-state Power Loss Characteristics
S 330C..C S T eries T = 125C J
S 330C..C S T eries T = 125C J
Peak Half S Wave On-state Current (A) ine
Peak Half S Wave On-state Current (A) ine
8000 7500 7000 6500 6000 5500 5000 4500 4000 3500 1
At Any R ated Load Condition And With R ated VRRM Applied Following S urge. Initial T = 125C J @60 Hz 0.0083 s @50 Hz 0.0100 s
9000 8500
Maximum Non R epetitive S urge Current Versus Pulse T rain Duration. Control 8000 Of Conduction May Not Be Maintained. Initial T = 125C J 7500 No Voltage Reapplied Rated VRRM Reapplied 7000 6500 6000 5500 5000 4500 4000 S 330C..C S T eries
S 330C..C S T eries 10 100
3500 0.01
0.1 Pulse T rain Duration (s)
1
Number Of Equa l Amplitude Half Cycle Current Pulses (N)
Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
6
www.irf.com
ST330C..C Series
Bulletin I25155 rev. D 04/03
10000 Instantaneous On-state Current (A) T = 25C J T = 125C J
1000
S 330C..C S T eries
100 0 1 2 3 4 5 6 7 Instantaneous On-state Voltage (V)
Fig. 9 - On-state Voltage Drop Characteristics
0.1
T ransient T hermal Impedance Z thJ-hs (K/ W)
S teady S tate Value RthJ-hs = 0.09 K/ W (S ingle S ide Cooled) R thJ-hs = 0.04 K/ W (Double S Cooled) ide (DC Operation)
0.01
S 330C..C S T eries
0.001 0.001
0.01
0.1 S quare Wave Pulse Duration (s)
1
10
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
100 Instantaneous Gate Voltage (V)
Rec tangular gate pulse a) Recommended load line for rated di/ dt : 20V, 10ohms; tr<=1 s b) R ecommended load line for <=30% rated di/ dt : 10V, 10ohms 10 tr<=1 s (b)
T j=-40 C
(1) PGM = 10W, (2) PGM = 20W, (3) PGM = 40W, (4) PGM = 60W, (a)
tp tp tp tp
= 4ms = 2ms = 1ms = 0.66ms
T j=25 C
T j=125 C
1 VGD IGD 0.1 0.001 0.01
(1)
(2)
(3) (4)
Device: S T330C..C S eries 0.1 1
Frequenc y Limited by PG(AV) 10 100
Instantaneous Gate Current (A)
Fig. 11 - Gate Characteristics
www.irf.com
7
ST330C..C Series
Bulletin I25155 rev. D 04/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 04 /03
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of ST330C12C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X